データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U535NET6QTR データシート(PDF) 70 Page - STMicroelectronics

部品番号 STM32U535NET6QTR
部品情報  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET6QTR データシート(HTML) 70 Page - STMicroelectronics

Back Button STM32U535NET6QTR Datasheet HTML 66Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 67Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 68Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 69Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 70Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 71Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 72Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 73Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 278 page
background image
Functional overview
STM32U535xx
70/278
DS14217 Rev 1
3.36
Timers and watchdogs
The devices include two advanced control timers, up to seven general-purpose timers, two
basic timers, four low-power timers, two watchdog timers and two SysTick timers.
The table below compares the features of the advanced control, general-purpose and basic
timers.
3.36.1
Advanced-control timers (TIM1, TIM8)
The advanced-control timers can each be seen as a three-phase PWM multiplexed on six
channels. They have complementary PWM outputs with programmable inserted
dead-times. They can also be seen as complete general-purpose timers.
The four independent channels can be used for:
•
Input capture
•
Output compare
•
PWM generation (edge or center-aligned modes) with full modulation capability
(0 - 100%)
•
One-pulse mode output
In Debug mode, the advanced-control timer counter can be frozen and the PWM outputs
disabled in order to turn off any power switches driven by these outputs.
Many features are shared with the general-purpose TIMx timers (described in the next
section) using the same architecture, so the advanced-control timers can work together with
the TIMx timers via the Timer Link feature for synchronization or event chaining.
Table 19. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1, TIM8
16 bits
Up, down,
Up/down
Any integer
between 1 and
65536
Yes
4
3
General-
purpose
TIM2, TIM3,
TIM4, TIM5
32 bits
Up, down,
Up/down
Any integer
between 1 and
65536
Yes
4
No
General-
purpose
TIM15
16 bits
Up
Any integer
between 1 and
65536
Yes
2
1
General-
purpose
TIM16,
TIM17
16 bits
Up
Any integer
between 1 and
65536
Yes
1
1
Basic
TIM6, TIM7
16 bits
Up
Any integer
between 1 and
65536
Yes
0
No