データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL91211AIK データシート(PDF) 7 Page - Renesas Technology Corp

部品番号 ISL91211AIK
部品情報  Triple/Quad Output Power Management IC for Industrial and Computing Applications
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL91211AIK データシート(HTML) 7 Page - Renesas Technology Corp

Back Button ISL91211AIK Datasheet HTML 3Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 4Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 5Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 6Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 7Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 8Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 9Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 10Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
ISL91211AIK, ISL91211BIK
1. Overview
FN9344 Rev.1.02
Page 7 of 53
Feb.25.20
B5
WDOG_RST
Input
Digital input, resets bucks to default output voltage.
C1
EN
Input
Master chip enable input, NMOS logic threshold.
C2
INT
Output
Interrupt line.
C3
GPIO2
Input
GPIO2. See Table 2.
B4, C4
GND
Input
Analog chip ground.
C5
RTN1
Input
Remote ground sense for Buck1.
D1
VOUT4
Input
Buck4 output voltage sense for the ISL91211BIK.
Note: Short to ground for the ISL91211AIK.
D2
RTN3
Input
Remote ground sense for Buck3.
D3
VOUT3
Input
Output voltage sense for Buck3.
D4
VOUT2
Output
Output voltage sense for Buck2.
E4
RTN2
Input
Remote ground sense for Buck2.
D5
VOUT1
Input
Remote output voltage sense for Buck1.
E1
RTN4
Input
Buck4 output voltage sense for the ISL91211BIK.
Note: Short to ground for the ISL91211AIK.
E2
AVIN_FILT
Output
Filtered analog supply voltage, 2.5V to 5.5V. Place a decoupling capacitor close to the IC.
F2
VIO
Input
I/O supply voltage for digital communications. Nominally connected to 1.8V supply.
E3
MPIO0
Input/Output Multipurpose I/O, see Table 2. Can be NC if not used.
F4
MPIO1
Input/Output Multipurpose I/O, see Table 2. Can be NC if not used. Must be pulled up to VIO if using I2C.
E5
MPIO2
Input/Output Multipurpose I/O, see Table 2. Can be NC if not used.
F1
AVIN
Input
Analog supply voltage, 2.5V to 5.5V.
G2
PH_C
Output
Switching node for Power Stage C.
F3
PGND_CD
Input
Ground connection for Power Stage C and D.
G3
PGND_CD
Input
Ground connection for Power Stage C and D.
G5
PH_D
Output
Output switching node for Power Stage D.
F5
MPIO3
Input/Output Multipurpose I/O, see Table 2. Can be NC if not used.
G1
PVIN_C
Input
Power supply connection for Power Stage C.
G5
PVIN_D
Input
Power supply connection for Power Stage D.
Pin Location
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com