データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL91211AIK データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 ISL91211AIK
部品情報  Triple/Quad Output Power Management IC for Industrial and Computing Applications
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL91211AIK データシート(HTML) 1 Page - Renesas Technology Corp

  ISL91211AIK Datasheet HTML 1Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 2Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 3Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 4Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 5Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 6Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 7Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 8Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
FN9344 Rev.1.02
Page 1 of 53
Feb.25.20
ISL91211AIK, ISL91211BIK
Triple/Quad Output Power Management IC for Industrial and Computing Applications
Datasheet
The ISL91211AIK is a 4-phase, three output
programmable Power Management IC (PMIC) and
the ISL91211BIK is a 4-phase, four output
programmable PMIC. Optimized with highly efficient
synchronous buck converters for multiphase and
single-phase operations, these converters deliver up
to 5A per phase maximum output current. Featuring
four buck controllers that can reconfigure their power
stages to the controllers, both PMICs offer flexibility
and allow seamless, design-in for a wide range of
applications that need high output power and a small
solution size.
ISL91211AIK and ISL91211BIK integrate low
ON-resistance MOSFETs at 2MHz switching
frequency, allowing smaller external inductors and
capacitors to be used. With automatic Diode
Emulation and Pulse Skipping modes under light-load
conditions, this feature improves efficiency and
maximizes battery life. The ISL91211AIK and
ISL91211BIK deliver a highly robust power solution
through a controller based on the Renesas proprietary
Rapid Robust Ripple Regulator (R5) technology,
offering tight output accuracy and load regulation,
ultra-fast transient response, seamless DCM/CCM
transitions, and no required external compensation.
In addition to the standard interrupt, chip enable, and
watchdog reset functions, the ISL91211AIK and
ISL91211BIK also feature four MPIOs and three
GPIOs that supports SPI, I2C communication
protocol, and various other pin mode functions.
Features
• Triple output 2+1+1 phases (ISL91211AIK) or quad
output, four single phases (ISL91211BIK)
• 2.7V to 5.5V supply voltage
• 5A per phase peak current capability
• Small solution size (for four phase design)
• High efficiency (92.2%, L = 220nH for
3.8VIN/1.8VOUT)
•Low IQ in low power mode
• Proprietary control scheme reduces output
capacitor and supports fast load transient (such as
>50A/µs per phase)
• ±0.7% system accuracy, remote voltage sensing
•I2C programmable output from 0.3V to 2V
• Independent Dynamic Voltage Scaling (DVS) for
each output
• Soft-start and fault detection (UV, OV, OC, OT),
short-circuit protection
• 4.70mmx6.30mm 35 ball BGA with 0.8mm pitch
Applications
• Industrial controls and FPGAs
• Computing servers and systems
• Home gateways and appliances
Related Literature
For a full list of related documents, visit our website:
ISL91211AIK and ISL91211BIK device pages
Figure 1. Simplified Block Diagram
Figure 2. Single-Phase Efficiency vs Load Current
ISL91211BIK
EN
VIO
AVIN_FILT
GND
INT
MPIO<3:0>
4
GPIO<2:0>
SCL/SDA
3
VIO
PGNDs
VOUT1
PH_D
RTN1
PH_B
RTN2
VOUT2
PH_A
RTN3
VOUT3
PH_C
RTN4
VOUT4
ISL91211AIK
ISL91211BIK
Phase Configurations
BUCK1
BUCK2
BUCK3
VOUT1
VOUT2
VOUT3
BUCK1
BUCK2
BUCK3
BUCK4
VOUT2
VOUT3
VOUT4
VOUT1
PH_D
PH_C
PH_B
PH_A
PH_D
PH_B
PH_A
PH_C
VOUT1
VOUT2
VOUT3
VOUT4
PVIN_A
PVIN_B
PVIN_C
PVIN_D
AVIN
VIN
WDOG_RST
60
65
70
75
80
85
90
95
0.01
0.1
1
Load Current (A)
Vin = 3.3V Vout = 1.8V
Vin = 3.8V Vout = 1.8V
Vin = 5.0V Vout = 1.8V
Test Conditions:
V
IN = 3.8V
T
A = 25°C,
L = 220nH (2520 Size)


同様の部品番号 - ISL91211AIK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL91211AIK RENESAS-ISL91211AIK Datasheet
1Mb / 62P
Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications
Feb.25.20
More results

同様の説明 - ISL91211AIK

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX1702B MAXIM-MAX1702B Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Texas Instruments
TPS75003 TI-TPS75003 Datasheet
604Kb / 24P
Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
TPS75003-EP TI1-TPS75003-EP Datasheet
1Mb / 29P
Triple-Supply Power Management IC for Powering FPGAs and DSPs
logo
Maxim Integrated Produc...
MAX1702BETX MAXIM-MAX1702BETX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Texas Instruments
TPS75003MRHLREP TI-TPS75003MRHLREP Datasheet
1Mb / 29P
Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003RHLT TI-TPS75003RHLT Datasheet
1,000Kb / 31P
Triple-Supply Power Management IC for Powering FPGAs and DSPs
logo
Renesas Technology Corp
ISL91211A RENESAS-ISL91211A Datasheet
201Kb / 2P
Triple/Quad Output Power Management IC
ISL91301A RENESAS-ISL91301A Datasheet
231Kb / 2P
Triple/Quad Output Power Management IC
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com