データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL91211AIK データシート(PDF) 9 Page - Renesas Technology Corp

部品番号 ISL91211AIK
部品情報  Triple/Quad Output Power Management IC for Industrial and Computing Applications
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL91211AIK データシート(HTML) 9 Page - Renesas Technology Corp

Back Button ISL91211AIK Datasheet HTML 5Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 6Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 7Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 8Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 9Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 10Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 11Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 12Page - Renesas Technology Corp ISL91211AIK Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
ISL91211AIK, ISL91211BIK
2. Specifications
FN9344 Rev.1.02
Page 9 of 53
Feb.25.20
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
2.3
Recommended Operation Conditions
Parameter
Minimum
Maximum
Unit
PVIN and AVIN Pins to PGND
-0.3
+6
V
VOUT Pin (BUCKx_VOUTFBDIV[1:0] = 0x00)
-0.3
+2.0
V
VOUT Pin (BUCKx_VOUTFBDIV[1:0] = 0x01)
-0.3
+2.4
V
VOUT Pin (BUCKx_VOUTFBDIV[1:0] = 0x02)
-0.3
+3.0
V
PH to PGND
-0.3
+0.3 + PVIN
V
VIO, EN Pins to GND
-0.3
+0.3 + AVIN
V
RTN, GND to PGND
-0.3
+0.3
V
INT, WDOG_RST, MPIO, GPIO Pins to GND
-0.3
+0.3 + VIO
V
ESD Rating (Note 6)Value
Unit
Human Body Model (Tested per JS-001-2017)
2
kV
Charged Device Model (Tested per JS-002-2014)
750
V
Latch-Up (Tested per JESD78E; Class 2, Level A)
100
mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely
impact product reliability and result in failures not covered by warranty.
Note:
6. ESD ratings apply to external pins only.
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
4.70mmx6.30mm, 35 Ball TFBGA Package (Notes 7, 8)47
3
Notes:
7. θJA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach features.
See TB379.
8. For θJC, the case temperature location is taken at the package top center.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
+150
°C
Maximum Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
See TB493
Parameter
Minimum
Maximum
Unit
Junction Temperature
-40
+125
°C
Supply Voltage
AVIN to GND
2.7
5.5
V
PVIN to PGNDx
2.7
5.5
V
VIO Voltage (VIO to PGND)
1.7
AVIN
V
INT, WDOG_RST, MPIO, GPIO
Pins to GND
0VIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com