| データシートサーチシステム |
|
UPD77533 データシート(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 データシート(HTML) 43 Page - Renesas Technology Corp |
|
43 / 104 page ![]() Data Sheet S15671EJ4V0DS 41 µµµµPD77533 12.4.4 Checksum The lower 16 bits of the sum of all the bytes from the 1-byte CMD-ID to the byte preceding the checksum are used for the checksum. 12.4.5 End All commands and responses end with <CR><LF>. <CR> = 0x0D, <LF> = 0x0A 12.5 Packeting and De-packeting Server Commands When issued by the LS, server commands are not in the packet format required for interfacing between the µPD77533 and host CPU, and must therefore be “packeted” by the host CPU. The host CPU must similarly “de- packet” packeted data from the µPD77533 before sending it to the LS. Figure 12-6. Packeting and De-packeting Server Commands 13. ACK, NACK, ERROR STATUS In communication between the µPD77533 and the host CPU, the transmission and reception of server and extension commands and responses is confirmed using ACK and NACK. Table 13-1. ACK and NACK Applications Type Description ACK Indicates that the command was received. NACK (error status) Indicates that the command cannot be received for some reason. PD77533 µ Host CPU LS Server command (packet form) Packet/de-packet processing Server command (unpacketed state) Local command, extension command (packet form) |