| データシートサーチシステム |
|
UPD77533 データシート(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 データシート(HTML) 49 Page - Renesas Technology Corp |
|
49 / 104 page ![]() Data Sheet S15671EJ4V0DS 47 µµµµPD77533 14.1.3 Server commands When sending server commands to the µPD77533, do not send the next command until a command response is returned. Multiple commands may be sent consecutively from the LS, but in this case, pool the commands from the LS on the host CPU side and make sure that only one command is sent to the µPD77533 at a time. For command response, because packet transmission/reception can be managed via ACK and NACK, there is no problem as long as the packet from the µPD77533 is received without delay in the one-packet buffer provided on the host CPU side. Figure 14-3. Server Command Flow (with No Hardware Flow Control) PD77533 µ Host CPU LS Response The PD77533 sends the next packet after receiving ACK. Before this, a response is sent to the LS. µ Command ACK ACK Response Command Response 1 Command 1 ACK ACK Response 2 Command 2 ACK ACK Command 1 Command 2 Response 2 Response 1 If command 2 is sent before a response to command 1 is returned, command 2 is held pending. The next command can be sent now. |