| データシートサーチシステム |
|
UPD77533 データシート(PDF) 65 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 データシート(HTML) 65 Page - Renesas Technology Corp |
|
65 / 104 page ![]() Data Sheet S15671EJ4V0DS 63 µµµµPD77533 16.15 Processing Status Request [Function] References the status of µPD77533 signal processing. Figure 16-15. Processing Status Request Flow [Command] Table 16-18. Format of Processing Status Request Command Field Number of Bytes Form Description CMD-ID 1 − 0x33 LENGTH 1 − 0 FLAG 1 − 0x03 [Response] Table 16-19. Format of Processing Status Request Response Field Number of Bytes Form Description CMD-ID 1 − 0x33 LENGTH 1 − 1 DATA Status 1 unsigned 0x00 = SnapShot under execution 0x10 = Signals being processed Else = Idle FLAG 1 − 0x03 16.16 Rest Processing [Function] References the number of satellites remaining to be processed during positioning and the number of times positioning has been performed. Figure 16-16. Rest Processing Flow PD77533 µ Host CPU CMD-ID = 0x33 CMD-ID = 0x33 PD77533 µ Host CPU CMD-ID = 0x34 CMD-ID = 0x34 |