| データシートサーチシステム |
|
UPD77533 データシート(PDF) 78 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 データシート(HTML) 78 Page - Renesas Technology Corp |
|
78 / 104 page ![]() Data Sheet S15671EJ4V0DS 76 µµµµPD77533 Wakeup, TX Active • Wakeup (WKUPB) Parameter Symbol Conditions MIN. TYP. MAX. Unit WKUPB setup time (to GPSCLK ↑) tWKPS 0 −− ns WKUPB hold time (from GPSCLK ↑) tWKPH 15.3 −− ns WKUPB low-level width tWWLS In STOP mode 73.2 −− ns tWWL In normal mode 73.2 − ns In HALT mode 1170 − WKUPB recovery time tWRE During normal operation 73.2 −− ns In HALT mode 1170 −− • TX active Parameter Symbol Conditions MIN. TYP. MAX. Unit TXACTV setup time (to GPSCLK ↑) tTXS 0 −− ns TXACTV hold time (from GPSCLK ↑) tTXH tGCIC −− ns • Wakeup, TX active timing GPSCLK WKUPB TXACTV tWKPS tWKPS tWKPH tWKPH tWWLS, tWWL tWRE tTXS tTXH tTXS tTXH |