| データシートサーチシステム |
|
UPD77533 データシート(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 データシート(HTML) 25 Page - Renesas Technology Corp |
|
25 / 104 page ![]() Data Sheet S15671EJ4V0DS 23 µµµµPD77533 Figure 4-8. Processing Flow When There Is No Response from µµµµPD77533 (Character Timeout Not Set) Note When the µPD77533 is performing positioning, “no response” is judged to have occurred after 1 second (if there is no response from the µPD77533 within 1 second, “no response” is judged to have occurred and ‘3F’ is sent). “No response” judgement following transmission of ‘3F’ is made after 100 ms. PD77533 µ Host CPU Previous command re-sent Command Error Status (Timeout Error) No response from PD77533 (Timer not set) No response from PD77533 (Timer not set) µ No response from PD77533 (Timer not set) µ No response from PD77533 for 100 msNote µ No response from PD77533 for 100 msNote µ No response from PD77533 for 100 msNote µ '3F' sent '3F' '3F' sent '3F' '3F' sent '3F' Command sent Command µ |