| データシートサーチシステム |
|
UPD77533 データシート(PDF) 101 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 データシート(HTML) 101 Page - Renesas Technology Corp |
|
101 / 104 page ![]() Data Sheet S15671EJ4V0DS 99 µµµµPD77533 /* Transmit with FLAG = 0x02 */ GmComm.BinData[SERIAL_OUT][GmComm.CurrentLen[SERIAL_OUT]] = PACKET_FLG_CONT; GmComm.CurrentLen[SERIAL_OUT] += 1; GmComm.BinData[SERIAL_OUT][1] = GmComm.CurrentLen[SERIAL_OUT] - PACKET_INFO_LEN; GmComm.FixedFlag[SERIAL_OUT] = TRUE; } GmSerialOut(); LsComm.EstimateLen[SERIAL_IN] = i; return; } /*----------------------------------------------------------------------------- * Function * Find expected value of LS command length * * Parameter * unsigned char *Data: data string of LS command * * Return Value * int: number of bytes ---------------------------------------------------------------------------- */ static int GetLsCmdLen(unsigned char *Data) { short Cmd; int Len; Len = 0; Cmd = (*(Data + 1) << 8) | *(Data + 2); switch(Cmd) { case CMD_CA : case CMD_EA : case CMD_FC : Len = 0 + 7; /* Data field is fixed to 0 bytes */ break; case CMD_BB : case CMD_IA : case CMD_PJ : case CMD_BD : case CMD_CB : Len = 1 + 7; /* Data field is fixed to 1 byte */ break; case CMD_FA : Len = 4 + 7; /* Data field is fixed to 4 bytes */ break; case CMD_DA : Len = 5 + 7; /* Data field is fixed to 5 bytes */ break; case CMD_JM : case CMD_AC : Len = (*(Data + 4) << 8) | *(Data + 3); break; } return(Len); |