データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8548U/9 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 PCF8548U/9
部品情報  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548U/9 データシート(HTML) 6 Page - NXP Semiconductors

Back Button PCF8548U/9 Datasheet HTML 2Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 3Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 4Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 5Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 6Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 7Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 8Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 9Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
1999 Aug 16
6
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
8
BLOCK DIAGRAM FUNCTIONS
8.1
Oscillator
The on-chip oscillator provides the clock signal for the
display system. No external components are required and
the OSC input must be connected to VDD1. An external
clock signal (if used), is connected to this input.
8.2
I2C-bus interface
The I2C-bus interface receives and executes the
commands sent via the I2C-bus. It also receives RAM data
and sends it to the RAM.
8.3
Display control logic
The display control logic generates the control signals to
read from the RAM via the 102 bits parallel port. It also
generates the control signals for the row and column
drivers.
8.4
Display Data RAM (DDRAM)
The PCF8548 contains a 65
× 102 bit static RAM which
stores the display data. The RAM is divided into 8 banks of
102 bytes and 1 bank of 102 bits [(8
× 8+1) × 102 bits].
During RAM access, data is transferred to the RAM via the
I2C-bus interface. There is a direct correspondence
between the X address and column output number.
8.5
Timing generator
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not disturbed by operations on the I2C-bus.
8.6
LCD row and column drivers
The PCF8548 contains 65 row and 102 column drivers,
which connect the appropriate LCD bias voltages to the
display in accordance with the data to be displayed.
Figure 2 shows typical waveforms. Unused outputs should
be left unconnected.
9
INITIALIZATION
Immediately following Power-on, all internal registers and
the RAM content are undefined. A reset pulse must first be
applied.
Reset is accomplished by applying an external RES pulse
(active LOW). When reset occurs within the specified time
all internal registers are initialized, however the RAM is still
undefined. The state after reset is described in
Section 12.1.
The RES input must be
≤0.3 VDD when VDD reaches
VDD(min) (or higher) within a maximum time tVHRL after VDD
goes HIGH (see Fig.17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40