| データシートサーチシステム |
|
PCF8548U/9 データシート(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8548U/9 データシート(HTML) 20 Page - NXP Semiconductors |
|
20 / 40 page ![]() 1999 Aug 16 20 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8548 Table 4 Programming the required bias system BS[2] BS[1] BS[0] n RECOMMENDED MUX RATE 0007 1 : 100 0016 1 : 81 0105 1 : 64 0114 1 : 49 1003 1 : 36 1012 1 : 24 1101 1 : 16 1110 1 : 9 Table 5 LCD bias voltage 12.10 Set VOP value The voltage at reference temperature can be calculated as: [VLCD (T = Tcut)] (1) The operating voltage VLCD can be set by software. The generated voltage is dependent on the temperature, programmed Temperature Coefficient (TC) and the programmed voltage at reference temperature (Tcut). (2) SYMBOL BIAS VOLTAGES BIAS VOLTAGES FOR 1 ⁄9 BIAS V1 VLCD VLCD V2 (n + 3)/(n + 4) 8 ⁄9 × VLCD V3 (n + 2)/(n + 4) 7 ⁄9 × VLCD V4 2/(n + 4) 2 ⁄9 × VLCD V5 1/(n + 4) 1 ⁄9 × VLCD V6 VSS VSS V LCD Tcut () aV OP b × + () = V LCD aV OP b × + () 1T T cut – () TC × + [] × = The parameters are explained in Fig.16 and Table 6. The maximum voltage that can be generated is dependent on the VDD2 voltage and the display load current. Two overlapping VLCD ranges are selectable via the command ‘HV-gen control’. For the LOW (PRS = 0) range a=a1 and for the HIGH (PRS = 1) range a = a2 with steps equal to b in both ranges. It should be noted that the charge pump is turned off if VOP[6;0] and bit PRS are all set to zero. For Mux 1 : 65 the optimum operation voltage of the liquid can be calculated as follows: where Vth is the threshold voltage of the liquid crystal material used. V LCD 165 + 21 1 65 ---------- – × --------------------------------------- V th 6.85 V th × = × = Table 6 Typical values for parameters for the HV-generator programming SYMBOL BITS VALUE UNIT a1 2.94 (PRS = 0) V a2 6.75 (PRS = 1) V b 0.03 V Tcut 27 °C |