データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8548U/9 データシート(PDF) 23 Page - NXP Semiconductors

部品番号 PCF8548U/9
部品情報  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548U/9 データシート(HTML) 23 Page - NXP Semiconductors

Back Button PCF8548U/9 Datasheet HTML 19Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 20Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 21Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 22Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 23Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 24Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 25Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 26Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
1999 Aug 16
23
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
Notes
1. The maximum possible VLCD voltage that can be generated is dependent on voltage, temperature and (display) load.
2. Internal clock.
3. When fsclk = 0 there is no I2C-bus clock.
4. Power-down mode. During power-down all static currents are switched off.
5. If external VLCD, the display load current is not transmitted to IDD.
6. Tolerance depends on the temperature; (typically zero at Tamb =27 °C), maximum tolerance values are measured
at the temperature range limit.
7. For TC0 to TC3.
IDD(tot)
total supply current
with internal VLCD generation;
VDD1 = 2.8 V; VLCD = 7.6 V;
fsclk = 0; Tamb =25 °C; no
display load; 4
× charge pump;
notes 2 and 3
−
200
350
µA
(Power-down mode) with
internal or external VLCD
generation; note 4
−
1.5
10
µA
ILCDIN
supply current from
external VLCD
VDD1 = 2.8 V; VLCD = 7.6 V;
fsclk = 0; Tamb =25 °C; no
display load; notes 2, 3 and 5
−
30
−µA
Logic
VIL
LOW-level input voltage
VSS1
−
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
−
VDD1
V
IL
leakage current
Vi =VDD1 or VSS1
−1
−
+1
µA
Column and row outputs
Rrow
row output resistance
R0 to R64
VDD1 to VDD3 = 5.0 V;
VLCD = 7.6 V; IL =10 µA;
outputs tested one at a time
−
12
20
k
Ω
Rcol
column output
resistance C0 to C101
VLCD = 7.6 V
−
12
20
k
Ω
Vbias(col)
column bias tolerance
C0 to C101
−100
0
+100
mV
Vbias(row)
row bias tolerance
R0 to R64
−100
0
+100
mV
LCD supply voltage generator
VLCD
VLCD tolerance
internally generated
VDD1 = 2.8 V; VLCD = 7.6 V;
fsclk = 0; Tamb =25 °C;
no display load;
notes 2, 3 6 and 7
−300
0
+300
mV
TC
temperature coefficient
00
−−0.0 × 10−3
−
1/
°C
01
−−0.76 × 10−3 −
1/
°C
10
−−1.05 × 10−3 −
1/
°C
11
−−2.10 × 10−3 −
1/
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40