| データシートサーチシステム |
|
PCF8548U/9 データシート(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8548U/9 データシート(HTML) 12 Page - NXP Semiconductors |
|
12 / 40 page ![]() 1999 Aug 16 12 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8548 10.2 RAM access If the D/C bit is logic 1 the RAM can be written to. The data is written to the RAM during the acknowledge cycle. Fig.9 RAM format addressing (MX = 1). handbook, full pagewidth MBL044 0 8 101 0 X address Y address |