| データシートサーチシステム |
|
PCF8548U/9 データシート(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8548U/9 データシート(HTML) 19 Page - NXP Semiconductors |
|
19 / 40 page ![]() 1999 Aug 16 19 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8548 12.6 Set X address of RAM The X address points to the columns. The range of X is 0 to 101 (65H). 12.7 Set HV generator stages 12.7.1 S[1:0] The PCF8548 incorporates a software configurable voltage multiplier. After reset the voltage multiplier is set to 2 × VDD2. Other voltage multiplier factors are set via the command ‘set HV-gen stages’ (see Tables 1 and 2). 12.8 Temperature control Due to the temperature dependency of the liquid crystals viscosity, the LCD controlling voltage VLCD must be increased with lower temperature to maintain optimum contrast. There are 4 different temperature coefficients available in the PCF8548 (see Fig.15). The coefficients are selected by the two bits TC[1:0]. Table 6 shows the typical values of the different temperature coefficients. The coefficients are proportional to the programmed VLCD. 12.9 Bias system The Bias voltage levels are set in the ratio of R − R − nR − R − R giving a bias system. The resulting bias levels are shown in Table 5. Different multiplex rates require different factors n (see Table 4); this is programmed by BS[2 : 0]. For Mux1:65 the optimum bias value n is given by: resulting in 1 ⁄ 9bias. 1 n4 + ------------- nm 3 – 65 3 – 5.06 5 == = = Fig.15 Temperature coefficients. handbook, halfpage MGS402 T VLCD Tcut |