| データシートサーチシステム |
|
TMF8701 データシート(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8701 データシート(HTML) 8 Page - OSRAM GmbH |
|
8 / 66 page ![]() Datasheet, Public Page 7 [v2-00] 2023-Feb-21 Document Feedback TMF8701 − Electrical Characteristics Recommended Operating Conditions Device parameters are guaranteed at nominal conditions otherwise noted. While the device is operational across the temperature range, functionality will vary with temperature. Figure 6: Recommended Operating Conditions TMF8701 Module Parameter Min Typ Max Units Comment VDDV, VDDC, VDD 3V Supply voltage 2.7 3 3.3 V Temperature Range Free-air temperature -30 25 70 °C Operational Electrical Characteristics |