| データシートサーチシステム |
|
TMF8701 データシート(PDF) 35 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8701 データシート(HTML) 35 Page - OSRAM GmbH |
|
35 / 66 page ![]() Page 34 Datasheet, Public Document Feedback [v2-00] 2023-Feb-21 TMF8701 − Register Description Figure 63: STATE_DATA_9 Register Figure 64: STATE_DATA_10 Register Reference hits and object hits are used for information purposes of the target object and are only reported if a target is detected with the distance algorithm. Figure 65: REFERENCE_HITS_0 Register Figure 66: REFERENCE_HITS_1 Register 0x31: STATE_DATA_9 Field Name Reset Type Description 7:0 state_data_9 0 RO Algorithm state data 0x32: STATE_DATA_10 Field Name Reset Type Description 7:0 state_data_10 0 RO Algorithm state data 0x33: REFERENCE_HITS_0 Field Name Reset Type Description 7:0 reference_hits[7:0] 0 RO Sum of the reference SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used 0x34: REFERENCE_HITS_1 Field Name Reset Type Description 7:0 reference_hits[15:8] 0 RO Sum of the reference SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used |