データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMF8701 データシート(PDF) 31 Page - OSRAM GmbH

部品番号 TMF8701
部品情報  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 データシート(HTML) 31 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 27Page - OSRAM GmbH TMF8701 Datasheet HTML 28Page - OSRAM GmbH TMF8701 Datasheet HTML 29Page - OSRAM GmbH TMF8701 Datasheet HTML 30Page - OSRAM GmbH TMF8701 Datasheet HTML 31Page - OSRAM GmbH TMF8701 Datasheet HTML 32Page - OSRAM GmbH TMF8701 Datasheet HTML 33Page - OSRAM GmbH TMF8701 Datasheet HTML 34Page - OSRAM GmbH TMF8701 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Page 30
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Register Description
Figure 47:
RESULT_INFO Register
Figure 48:
DISTANCE_PEAK_0 Register
0x21: RESULT_INFO
Field
Name
Reset
Type
Description
5:0
reliability
0
RO
Reliability of object - valid range 0 to 63 where 63 is best
7:6
measStatus
0
RO
When algImmediateInterrupt == 1
Will indicate the status of the measurement.
Value
Definition
0
Proximity capture interrupted, using
previous proximity only result
1
Proximity capture interrupted, using
previous proximity and distance result
2
Distance capture interrupted, result is
from proximity algorithm only
3
Complete result (distance and proximity)
When algImmediateInterrupt == 0
Will indicate the status of the measurement.
Value
Definition
0
Measurement was not interrupted
1Reserved
2
Measurement was interrupted (delay) by
GPIO interrupt
3Reserved
0x22: DISTANCE_PEAK_0
Field
Name
Reset
Type
Description
7:0
distance_peak[7:0]
0
RO
Distance to the peak in [mm] of the object,
least significant byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66