| データシートサーチシステム |
|
SL2S3003FUD データシート(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003FUD データシート(HTML) 18 Page - NXP Semiconductors |
|
18 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) Bit number 0 1 2 3 4 5 6 7 LP_CTRL_L LP_CTRL_H RFU Table 14. LP_CTRL byte (Lock Pointer Control) Field Bit Values at Delivery Description LP_CTRL_L 1 0b Defines the write lock for Page L defined with the lock protection pointer byte LP_ PNTR. Individual blocks can be write locked with the LOCK BLOCK command (refer to Section 8.5.2.3) 0b ... Page L is not write locked 1b ... Page L is write locked LP_CTRL_H 1 0b Defines the write lock for Page H defined with the lock protection pointer byte LP_ PNTR. Individual blocks can be write locked with the LOCK BLOCK command (refer to Section 8.5.2.3) 0b ... Page H is not write locked 1b ... Page H is write locked Table 15. LP_CTRL byte configuration parameter descriptions Bit number 0 1 2 3 4 5 6 7 NFC_MIRROR_SEL NFC_MIRROR_BYTE RFU Table 16. NFC_MIRROR_CTR byte (NFC Mirror Control) Field Bit Values at Delivery Description NFC_MIRROR_ SEL 3 000b Defines the functionality for UID, NFC Counter and TagTamper message mirroring 000b ... NFC mirror is disabled 001b ... UID mirror is enabled 010b ... UID + NFC Counter mirror is enabled For ICODE 3 TagTamper (SL2S3003TT) only: 011b … UID + NFC Counter + TagTamper Message mirror is enabled 1xxb … UID + NFC Counter + TagTamper Message + TagTamper Status mirror is enabled NFC_MIRROR_ BYTE 2 00b Defines the byte within the block defined in NFC_MIRROR_BLK where the NFC mirror shall start. Table 17. NFC_MIRROR_CTR byte configuration parameter descriptions SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 18 / 82 |