| データシートサーチシステム |
|
SL2S3003FUD データシート(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003FUD データシート(HTML) 62 Page - NXP Semiconductors |
|
62 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.3.20 READ SIGNATURE Command code = BDh The READ SIGNATURE command returns an IC specific 32-byte or 48-byte ECC signature, to verify NXP Semiconductors as the silicon vendor. The signature length is defined with the OS_CFG_MODE bit (Table 40). The originality signature can also be read with a READ CONFIG command to • blocks 0-7 if the 32 byte signature length is enabled or • block 0-11 if the 48 byte signature length is enabled. SOF Flags READ SIG NATURE IC Mfg code UID CRC16 EOF - 8 bits 8 bits 8 bits 64 bits optional 16 bits Table 115. READ SIGNATURE request format SOF Flags Error code CRC16 EOF - 8 bits 8 bits 16 bits - Table 116. READ SIGNATURE response format when Error_flag set SOF Flags Originality Signature CRC16 EOF - 8 bits 256 or 384 bits 16 bits - Table 117. READ SIGNATURE response format when Error_flag NOT set Details on how to check the signature value will be provided in the application note ICODE 3 Originality Signature Validation. Thew document will describe how to verify the originality of ICODE 3. SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 62 / 82 |