| データシートサーチシステム |
|
SL2S3003FUD データシート(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003FUD データシート(HTML) 34 Page - NXP Semiconductors |
|
34 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5 Supported commands 8.5.1 Mandatory commands 8.5.1.1 INVENTORY The command is as defined in ISO/IEC 15693-3 [3]. Exception: If the Privacy or Destroy mode is enabled, the label does not respond. 8.5.1.2 STAY QUIET The command is as defined in ISO/IEC 15693-3 [3]. 8.5.2 Optional commands 8.5.2.1 READ SINGLE BLOCK As defined in ISO/IEC 15693-3. Option 0 (Option flag not set) is supported. Option 1 (Option flag set) is supported. If the related page of the addressed block is protected with the Read-Password, and if the password has not been transmitted first with the SET PASSWORD command, the label responds according to the error handling (see Section 8.6 "Error handling"). Note: Block 75 of the user memory is used for the 24-bit counter feature and must be used differently. Refer to Section 8.5.3.25 "24-bit counter". 8.5.2.2 WRITE SINGLE BLOCK As defined in ISO/IEC 15693-3. Option 0 (Option flag not set) is supported. Option 1 (Option flag set) is supported. If the addressed block is part of a write protected page, or if the block is protected with the Read Password only (see Section 8.5.3.6 "PROTECT PAGE"), and the password has not been transmitted first with the SET PASSWORD command, the label responds according to the error handling (see Section 8.6 "Error handling"). Note: Block 75 of the user memory is used for the 24-bit counter feature and must be used differently. Refer to Section 8.5.3.25 "24-bit counter". SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 34 / 82 |