| データシートサーチシステム |
|
SL2S3003FUD データシート(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003FUD データシート(HTML) 46 Page - NXP Semiconductors |
|
46 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.3.8 DESTROY Command code = B9h The DESTROY command is used to destroy ICODE 3 Label IC. The Destroy password must be correct. This command is irreversible and the ICODE 3 never responds to any command again. The DESTROY command can only be executed in addressed or selected mode. The XOR password must be calculated with the password and twice the received random number from the last GET RANDOM NUMBER command: XOR_Password[31:0] = Password[31:0] XOR {Random_Number[15:0], Random_Number[15:0]}. The timing of the command is write alike. SOF Flags DESTROY IC Mfg code UID XOR password CRC16 EOF - 8 bits 8 bits 8 bits 64 bits optional 32 bits 16 bits - Table 75. DESTROY request format SOF Flags Error code CRC16 EOF - 8 bits 8 bits 16 bits - Table 76. DESTROY response format when Error_flag set SOF Flags CRC16 EOF - 8 bits 16 bits - Table 77. DESTROY response format when Error_flag NOT set SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 46 / 82 |