| データシートサーチシステム |
|
SL2S3003FUD データシート(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003FUD データシート(HTML) 38 Page - NXP Semiconductors |
|
38 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.3 Custom commands The manufacturer code of NXP Semiconductors is defined in ISO/IEC 7816-6A1 [4]. The code has the value "04h". For the structure of custom commands, refer to ISO/IEC 15693-3 [3]. Unless otherwise specified, all the address modes are supported. 8.5.3.1 GET RANDOM NUMBER Command code = B2h The GET RANDOM NUMBER command is required to receive a random number from the label IC. The passwords transmitted with the SET PASSWORD, ENABLE PRIVACY and DESTROY commands must be calculated with the password and the random number (see Section 8.5.3.2 "SET PASSWORD"). The different passwords are addressed with the password identifier. SOF Flags GET RANDOM NUMBER IC Mfg code UID CRC16 EOF - 8 bits 8 bits 8 bits 64 bits optional 16 bits - Table 48. GET RANDOM NUMBER request format SOF Flags Error code CRC16 EOF - 8 bits 8 bits 16 bits - Table 49. GET RANDOM NUMBER response when Error_flag set SOF Flags Random number CRC16 EOF - 8 bits 16 bits 16 bits - Table 50. GET RANDOM NUMBER response format when Error_flag NOT set SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 38 / 82 |