| データシートサーチシステム |
|
SST25WF080B データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25WF080B データシート(HTML) 8 Page - Microchip Technology |
|
8 / 44 page ![]() SST25WF080B DS20005164H-page 8 2013-2022 Microchip Technology Inc. and its subsidiaries 4.2.4 BLOCK PROTECTION LOCK-DOWN (BPL–BIT 7) When the WP# pin is driven low (VIL), it enables the Block Protection Lock Down (BPL) bit. When BPL is set to ‘1’, it prevents any further alteration of the BP0, BP1, BP2, TB, and BPL bits. When the WP# pin is driven high (VIH), the BPL bit has no effect and its value is ‘Don’t Care’. TABLE 4-3: SOFTWARE STATUS REGISTER BLOCK PROTECTION Protection Level STATUS Register Bit Protected Memory Address TB BP2 BP1 BP0 0 (Full Memory Array unprotected) X0 00 None T1 (1/16 Top Memory Block protected) 00 01 0F0000H-0FFFFFH T2 (1/8 Top Memory Block protected) 00 10 0E0000H-0FFFFFH T3 (1/4 Top Memory Block protected) 00 11 0C0000H-0FFFFFH T4 (1/2 Top Memory Block protected) 01 00 080000H-0FFFFFH B1 (1/16 Bottom Memory Block protected) 10 01 000000H-00FFFFH B2 (1/8 Bottom Memory Block protected) 10 10 000000H-01FFFFH B3 (1/4 Bottom Memory Block protected) 10 11 000000H-03FFFFH B4 (1/2 Bottom Memory Block protected) 11 00 000000H-07FFFFH 5 (Full Memory Block protected) X1 01 000000H-0FFFFFH 5 (Full Memory Block protected) X1 1X 000000H-0FFFFFH |