データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM8834M データシート(PDF) 7 Page - STMicroelectronics

部品番号 PM8834M
部品情報  4 A dual low-side MOSFET driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834M データシート(HTML) 7 Page - STMicroelectronics

Back Button PM8834M Datasheet HTML 3Page - STMicroelectronics PM8834M Datasheet HTML 4Page - STMicroelectronics PM8834M Datasheet HTML 5Page - STMicroelectronics PM8834M Datasheet HTML 6Page - STMicroelectronics PM8834M Datasheet HTML 7Page - STMicroelectronics PM8834M Datasheet HTML 8Page - STMicroelectronics PM8834M Datasheet HTML 9Page - STMicroelectronics PM8834M Datasheet HTML 10Page - STMicroelectronics PM8834M Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID15086 Rev 4
7/21
PM8834
Electrical specifications
21
DocID15086 Rev 4
7/21
PM8834
Electrical specifications
21
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Electrical characteristics
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
All pins
to GND
-0.3 to 19
V
IOUTx
DC output current
500
mA
VHBM
ESD capability, human body model
2
kV
Table 5. Electrical characteristics [VCC = 5 V to 18 V, Tj = -40 °C to 105 °C unless otherwise
specified(1)]
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Supply current and power-on
ICC
VCC supply current
OUT_1, OUT_2 = OPEN
VCC = 10 V; TJ = 25 °C
3.5
mA
UVLOVCC
VCC turn-ON
VCC rising
4.4
4.6
V
VCC turn-OFF
VCC falling
3.6
3.8
V
Input threshold
PWM_x,
ENABLE_x
Input high - VIH
Rising threshold
2.2
2.5
V
Input low - VIL
Falling threshold
0.8
1.1
V
Drivers (OUT_1, OUT_2)
RDSON_H
Source resistance
VCC = 10 V; IOUT = 100 mA; TJ = 25 °C
11.3
VCC = 10 V; IOUT = 100 mA; full temp. range
1.5
ISOURCE
Source current(2)
VCC = 10 V; COUT to GND = 10 nF
4
A
ISINK
Sink current(2)
VCC = 10 V; COUT to GND = 10 nF
5
A
RDSON_L
Sink resistance
VCC = 10 V; IOUT = 100 mA; TJ = 25 °C
0.7
1
VCC = 10 V; IOUT = 100 mA; full temp. range
1.3
Max OUT_x in OFF state VCC rising with slope > 2 V/ms
1.5
V
Switching time (PWM_1,PWM_2)
tR
Rise time
VCC = 10 V; COUT to GND = 2.5 nF
10
20
ns
VCC = 10 V; COUT to GND = 14 nF
45
75
ns
tF
Fall time
VCC = 10 V; COUT to GND = 2.5 nF
10
20
ns
VCC = 10 V; COUT to GND = 14 nF
35
75
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com