データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM8834M データシート(PDF) 8 Page - STMicroelectronics

部品番号 PM8834M
部品情報  4 A dual low-side MOSFET driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834M データシート(HTML) 8 Page - STMicroelectronics

Back Button PM8834M Datasheet HTML 4Page - STMicroelectronics PM8834M Datasheet HTML 5Page - STMicroelectronics PM8834M Datasheet HTML 6Page - STMicroelectronics PM8834M Datasheet HTML 7Page - STMicroelectronics PM8834M Datasheet HTML 8Page - STMicroelectronics PM8834M Datasheet HTML 9Page - STMicroelectronics PM8834M Datasheet HTML 10Page - STMicroelectronics PM8834M Datasheet HTML 11Page - STMicroelectronics PM8834M Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical specifications
PM8834
8/21
DocID15086 Rev 4
Electrical specifications
PM8834
8/21
DocID15086 Rev 4
Propagation delay
tD_LH
Delay - low to high
COUT to GND = 2.5 nF
15
25
35
ns
tD_HL
Delay - high to low
COUT to GND = 2.5 nF
20
30
40
ns
Matching between
propagation delays
-5
5
ns
1. Limits guaranteed by design and statistical analysis, not production tested. Production test is done at T = 25 °C.
2. Parameter guaranteed by designed, not fully tested in production.
Table 5. Electrical characteristics (continued) [VCC = 5 V to 18 V, Tj = -40 °C to 105 °C unless
otherwise specified(1)]
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com