データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM8834M データシート(PDF) 11 Page - STMicroelectronics

部品番号 PM8834M
部品情報  4 A dual low-side MOSFET driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834M データシート(HTML) 11 Page - STMicroelectronics

Back Button PM8834M Datasheet HTML 7Page - STMicroelectronics PM8834M Datasheet HTML 8Page - STMicroelectronics PM8834M Datasheet HTML 9Page - STMicroelectronics PM8834M Datasheet HTML 10Page - STMicroelectronics PM8834M Datasheet HTML 11Page - STMicroelectronics PM8834M Datasheet HTML 12Page - STMicroelectronics PM8834M Datasheet HTML 13Page - STMicroelectronics PM8834M Datasheet HTML 14Page - STMicroelectronics PM8834M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID15086 Rev 4
11/21
PM8834
Device description and operation
21
DocID15086 Rev 4
11/21
PM8834
Device description and operation
21
4.3
Parallel output operation
For applications demanding high driving current capability (in excess of the 4 A provided by
the single section), the PM8834 allows paralleling the operation of the two drivers in order to
reach higher current, up to 8 A. This configuration is depicted in Figure 4 where both
PWM_1 and PWM_2 and OUT_1 and OUT_2 are tied together. The matching of internal
propagation delays guarantees that the two drivers are switched on and off simultaneously.
Figure 4. Single high-current (up to 8 A) low-side driver configuration
4.4
Gate driver voltage flexibility
The PM8834 allows the user to freely select the gate drive voltage in order to optimize the
efficiency of the application. The low-side MOSFET driving voltage depends on the voltage
applied to VCC and can range between 5 V to 18 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com