データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM8834M データシート(PDF) 10 Page - STMicroelectronics

部品番号 PM8834M
部品情報  4 A dual low-side MOSFET driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834M データシート(HTML) 10 Page - STMicroelectronics

Back Button PM8834M Datasheet HTML 6Page - STMicroelectronics PM8834M Datasheet HTML 7Page - STMicroelectronics PM8834M Datasheet HTML 8Page - STMicroelectronics PM8834M Datasheet HTML 9Page - STMicroelectronics PM8834M Datasheet HTML 10Page - STMicroelectronics PM8834M Datasheet HTML 11Page - STMicroelectronics PM8834M Datasheet HTML 12Page - STMicroelectronics PM8834M Datasheet HTML 13Page - STMicroelectronics PM8834M Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Device description and operation
PM8834
10/21
DocID15086 Rev 4
Device description and operation
PM8834
10/21
DocID15086 Rev 4
Figure 3. Timing diagram
4.1.2
Enable pins
The PM8834 features two independent enable signals, ENABLE_1 and ENABLE_2, to
control the operation of each low-side driver. Both enable pins are internally pulled up to
VCC with a typ. 100 k
 resistance and are active high. In applications where ENABLE_1
and ENABLE_2 are not in use, it is strongly recommended to connect these pins to VCC
directly or with a pull-up resistor. ENABLE_1 and ENABLE_2 are compatible to CMOS/TTL
levels and can be directly pulled up to VCC. By default, because of the internal pull-up, both
drivers are enabled. It is possible to disable one or both low-side drivers, connecting the
corresponding enable signal to GND.
The enable pins cannot be used as input driving pins, but only as device control pins; they
must be set before to apply the PWM signals; high to low transition on enable pins cannot
be simultaneous with transition edges on the PWM inputs.
The enable pins are not designed and tested in terms of matched propagation delay time
and maximum operating frequency.
4.2
Output stage
The output stage of the PM8834 makes use of ST’s proprietary lateral DMOS. Both
N-DMOS and P-DMOS have been sized to exhibit high driving peak current as well as low
ON-resistance. Typical peak current is 4 A while output resistances are 1
 and 0.7  for
P-DMOS and N-DMOS resistance respectively. The device features adaptive anti cross
conduction protection. The PM8834 continuously monitors the status of the internal N-
DMOS and P-DMOS. During a PWM transition, before switching on the desired DMOS, the
device waits until the other DMOS is completely turned off. No static current will then flow
from VCC to GND. During VCC startup, the internal N-DMOS is kept in an OFF state: with
typical VCC rise time, with slope >2 V/ms, the OUT pins are maintained at low level under
any operating condition. For VCC startup with very smooth rising edge, with slope < 2 V/ms,
the OUT pins can track the VCC rising edge until the UVLO threshold is reached, but the
voltage reached is maintained under 1.5 V under any operating condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com