| データシートサーチシステム |
|
TMP92FD54AI データシート(PDF) 62 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP92FD54AI データシート(HTML) 62 Page - Toshiba Semiconductor |
|
62 / 84 page ![]() 92FD54AI-62 2006-01-27 TMP92FD54AI Table 4.4.5 Block Erase addresses Address Area Block User Boot Mode Single Boot Mode Size BA0 F80000H to F8FFFFH 010000H to 01FFFFH 64Kbite BA1 F90000H to F9FFFFH 020000H to 02FFFFH 64Kbite BA2 FA0000H to FAFFFFH 030000H to 03FFFFH 64Kbite BA3 FB0000H to FBFFFFH 040000H to 04FFFFH 64Kbite BA4 FC0000H to FCFFFFH 050000H to 05FFFFH 64Kbite BA5 FD0000H to FDFFFFH 060000H to 06FFFFH 64Kbite BA6 FE0000H to FEDFFFH 070000H to 07DFFFH 56Kbite BA7 FEE000H to FFBFFFH 07E000H to 08BFFFH 56Kbite BA8 FFC000H to FFDFFFH 08C000H to 08DFFFH 8Kbite BA9 FFE000H to FFFFFFH 08E000H to 08FFFFH 8Kbite Enter an address within the address area of the block to be selected. This should be an address for which A0 = A1 = 0. Example: To select BA0 in User Boot Mode, enter any address in the area F80000H to F8FFFFH. Table 4.4.6 Hardware Sequence flags Status D7 (DQ7) D6 (DQ6) D5 (DQ5) D3 (DQ3) Auto Program /D7 Toggle 0 0 Auto Erase (during Erase Hold time) 0 Toggle 0 1 Auto Protect Program * Toggle 0 0 Automatic operation in progress Auto Chip Erase & Unprotect * Toggle 0 1 Auto Program /D7 Toggle 1 0 Auto Erase 0 Toggle 1 1 Auto Protect Program * Toggle 1 0 Time-out (automatic operation failed) Auto Chip Erase & Unprotect * Toggle 1 1 READ Complete normally Cell data Cell data Cell data Cell data Note: The settings for D31 to D8, D4 and D2 to D0 are “Don’t care”. |