| データシートサーチシステム |
|
TMP92FD54AI データシート(PDF) 22 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP92FD54AI データシート(HTML) 22 Page - Toshiba Semiconductor |
|
22 / 84 page ![]() 2006-01-27 92FD54AI-22 TMP92FD54AI (Step 3) After the device has entered User Boot Mode, (c) Rewrite routine, (d) Copy routine-1 and (e) Copy routine-2, must be loaded from the source of transfer (the controller) into the internal RAM or into external memory using (b), the transfer routine. (In the example shown below the routine is copied into the internal RAM.) (Step 4) The program jumps to the copy routine-1 in RAM, copy (a) and (b) into the internal RAM or into external memory. (In the example shown below the routine is copied into the internal RAM.). (TMP92FD54AI) Flash memory [Reset-processing program] (a) Mode judgment routine Old user application program (Controller) (I/O) (b) Transfer routine New user application program (c) Rewrite routine (d) Copy routine-1 (e) Copy routine-2 (c) Rewrite routine (d) Copy routine-1 (e) Copy routine-2 RAM (TMP92FD54AI) Flash memory [Reset-processing program] (a) Mode judgment routine Old user application program (Controller) (I/O) (b) Transfer routine New user application program (c) Rewrite routine (d) Copy routine-1 (e) Copy routine-2 RAM (c) Rewrite routine (d) Copy routine-1 (e) Copy routine-2 (a) Mode judgment routine (b) Transfer routine |