| データシートサーチシステム |
|
TMP92FD54AI データシート(PDF) 24 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP92FD54AI データシート(HTML) 24 Page - Toshiba Semiconductor |
|
24 / 84 page ![]() 2006-01-27 92FD54AI-24 TMP92FD54AI (Step 7) Next, the rewrite routine in the RAM is executed and writes the new user application program into the erased area of the flash memory after loading it from the source of transfer (the controller). (Step 8) The RESET input pin must be driven Low (= 0) to reset the device and to set it to Normal Mode. After de-assertion of the reset, the processor will start running the new user application program. (TMP92FD54AI) (Controller) (I/O) 0 → 1 RESET Set to Normal Mode Flash memory RAM [Reset-processing program] (a) Mode judgment routine New user application program (b) Transfer routine (TMP92FD54AI) Flash memory [Reset-processing program] (a) Mode judgment routine New user application program (Controller) (I/O) (b) Transfer routine RAM (c) Rewrite routine (d) Copy routine-1 (e) Copy routine-2 (a) Mode judgment routine (b) Transfer routine New user application program (c) Rewrite routine (d) Copy routine-1 (e) Copy routine-2 |