| データシートサーチシステム |
|
STA382BWS データシート(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BWS データシート(HTML) 119 Page - STMicroelectronics |
|
119 / 172 page ![]() STA382BWS Register description: Sound Terminal compatibility Doc ID 022784 Rev 1 119/172 For each configuration the PWM signals from the digital driver are mapped in different ways to the power stage: 2.0 channels, two full-bridges (OCFG = 00) ● FFX1A -> OUT1A ● FFX1B -> OUT1B ● FFX2A -> OUT2A ● FFX2B -> OUT2B ● FFX3A -> OUT3A ● FFX3B -> OUT3B ● FFX4A -> OUT4A ● FFX4B -> OUT4B ● FFX1A/1B configured as C1B0 (default: ternary) ● FFX2A/2B configured as C2B0 (default: ternary) ● FFX3A/3B configured as C3B0 (default: ternary) line out ● FFX4A/4B configured as C4B0 (default: ternary) line out On channel 3 line out (LOC bits = 00) the same data as channel 1 processing is sent. On channel 4 line out (LOC bits = 00) the same data as channel 2 processing is sent. In this configuration, neither volume control nor EQ has any effect on channels 3 and 4. In this configuration the PWM slot phase is the following as shown in Figure 36. Figure 36. 2.0 channels (OCFG = 00) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT4A OUT4B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT4A OUT4B Obsolete Product(s) - Obsolete Product(s) |