| データシートサーチシステム |
|
STA382BWS データシート(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BWS データシート(HTML) 121 Page - STMicroelectronics |
|
121 / 172 page ![]() STA382BWS Register description: Sound Terminal compatibility Doc ID 022784 Rev 1 121/172 2.1 channels, two full-bridges + one external full-bridge (OCFG = 10) ● FFX1A -> OUT1A ● FFX1B -> OUT1B ● FFX2A -> OUT2A ● FFX2B -> OUT2B ● FFX3A -> OUT3A ● FFX3B -> OUT3B ● EAPD -> OUT4A ● TWARN -> OUT4B ● FFX1A/1B configured as C1B0 (default: ternary) ● FFX2A/2B configured as C2B0 (default: ternary) ● FFX3A/3B configured as C3B0 (default: ternary) ● FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the external bridge control signals are muxed. In this configuration the PWM slot phase is the following as shown in Figure 38. Figure 38. 2.1 channels (OCFG = 10) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B Obsolete Product(s) - Obsolete Product(s) |