データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D950-CORE データシート(PDF) 65 Page - STMicroelectronics

部品番号 D950-CORE
部品情報  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE データシート(HTML) 65 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 61Page - STMicroelectronics D950-CORE Datasheet HTML 62Page - STMicroelectronics D950-CORE Datasheet HTML 63Page - STMicroelectronics D950-CORE Datasheet HTML 64Page - STMicroelectronics D950-CORE Datasheet HTML 65Page - STMicroelectronics D950-CORE Datasheet HTML 66Page - STMicroelectronics D950-CORE Datasheet HTML 67Page - STMicroelectronics D950-CORE Datasheet HTML 68Page - STMicroelectronics D950-CORE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
65/89
D950-Core
6.3.7 JUMP on Port Condition
CLKIN
VR02019
INCYCLE
PORT In
ID
IA
nn + 1
n + 2
a_br
a_br + 1
In
In+1
In+2
I_br
(Level Sensitive)
PORT Bit
(Internal)
(Edge Sensitive)
PORT In
PORT Bit
(Internal)
OPERATION
Fetch Jump
Decode Jump
Execute Jump
I_br+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89