データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D950-CORE データシート(PDF) 47 Page - STMicroelectronics

部品番号 D950-CORE
部品情報  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE データシート(HTML) 47 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 43Page - STMicroelectronics D950-CORE Datasheet HTML 44Page - STMicroelectronics D950-CORE Datasheet HTML 45Page - STMicroelectronics D950-CORE Datasheet HTML 46Page - STMicroelectronics D950-CORE Datasheet HTML 47Page - STMicroelectronics D950-CORE Datasheet HTML 48Page - STMicroelectronics D950-CORE Datasheet HTML 49Page - STMicroelectronics D950-CORE Datasheet HTML 50Page - STMicroelectronics D950-CORE Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
47/89
D950-Core
+=
Last Step of Positive MAC (PSC used for shift value)
-=
Last Step of Negative MAC (PSC used for shift value)
Figure 5.6
ALU Two-Word Operand (oper_2)
Ai = oper_2 Lj
(CCR)*
Rj
Aj
P
Ai = oper_2 Lj
(CCR)*
P
,
Lk = *AXm + IXs
Ai = oper_2 Rj
(CCR)*
P
,
Rk = *AYn + IYr
,
,
,
,
*AY1 + IY3 = A1H
A1 = oper_2 L1
A1
Lj = *AX1 + IX3
*AX1 + IX3 = A1H
A1 = oper_2 R1
A1
Rk = *AY1 + IY3
VR02018E
(CCR)* is used in place of Ai when oper_2 instruction=CMPO
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89