| データシートサーチシステム |
|
D950-CORE データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
D950-CORE データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 89 page ![]() 38/89 D950-Core Table 4.4 Table of Conditions Notation Description ALWAYS NEVER Z NOZ Zero bit of CCR LT GTE S XOR OVF bits of CCR LTE GT (S XOR OVF) OR Z bits C NOC Carry bit of CCR (bit 39) S NOS Sign bit of CCR EXT NOEXT Extension bit of CCR OVF NOOVF Overflow bit of CCR MOVF NOMOVF Memorized overflow N NON Normalised bit of CCR MN NOMN Memorized Normalised PAR NOPAR Parity bit of CCR C31 NOC31 Carry bit of CCR (bit 31) TEST NOTEST Test bit of CCR P0 NOP0 Bit 0 of Parallel Port P1 NOP1 Bit 1 of Parallel Port P2 NOP2 Bit 2 of Parallel Port P3 NOP3 Bit 3 of Parallel Port P4 NOP4 Bit 4 of Parallel Port P5 NOP5 Bit 5 of Parallel Port P6 NOP6 Bit 6 of Parallel Port P7 NOP7 Bit 7 of Parallel Port |