データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D950-CORE データシート(PDF) 52 Page - STMicroelectronics

部品番号 D950-CORE
部品情報  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE データシート(HTML) 52 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 48Page - STMicroelectronics D950-CORE Datasheet HTML 49Page - STMicroelectronics D950-CORE Datasheet HTML 50Page - STMicroelectronics D950-CORE Datasheet HTML 51Page - STMicroelectronics D950-CORE Datasheet HTML 52Page - STMicroelectronics D950-CORE Datasheet HTML 53Page - STMicroelectronics D950-CORE Datasheet HTML 54Page - STMicroelectronics D950-CORE Datasheet HTML 55Page - STMicroelectronics D950-CORE Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
52/89
D950-Core
5.4.5 Conditional Assignment Instruction
LDCC
Load conditional: This instruction performs multiple assignment operations,
depending on whether the conditions evaluate to be true or false. For full details of
the instruction, refer to the programming manual.
Figure 5.13
Conditional Assignment
Note:
The condition table is described in
Table 4.4
5.4.6 Loop Control Instructions
REP
Automatic management of the loop registers (LS, LC, LE and SP)
LSP--
Decrement LSP 2-bit register
LSP++
Increment LSP 2-bit register
Figure 5.14
Loop Control
VR02018L
COND
IF
Ai
=
Aj
Lj
Rj
P
LDCC
value
REP
TIMES
addr
AiH
REP
TIMES
addr
LSP++
LSP--
VR02018M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89