データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FO データシート(PDF) 36 Page - PANDUIT CORP.

部品番号 PCV-FO
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FO データシート(HTML) 36 Page - PANDUIT CORP.

Back Button PCV-FO Datasheet HTML 32Page - PANDUIT CORP. PCV-FO Datasheet HTML 33Page - PANDUIT CORP. PCV-FO Datasheet HTML 34Page - PANDUIT CORP. PCV-FO Datasheet HTML 35Page - PANDUIT CORP. PCV-FO Datasheet HTML 36Page - PANDUIT CORP. PCV-FO Datasheet HTML 37Page - PANDUIT CORP. PCV-FO Datasheet HTML 38Page - PANDUIT CORP. PCV-FO Datasheet HTML 39Page - PANDUIT CORP. PCV-FO Datasheet HTML 40Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
34
Safety Signs & Labels
7" x 10" 10" x 14" 14" x 20"
BWHT
7" x 10" 10" x 14" 14" x 20"
BYEL
7" x 10" 10" x 14" 14" x 20"
C442
7" x 10" 10" x 14" 14" x 20"
D440
7" x 10" 10" x 14" 14" x 20"
N443
Sign Panels – Blank Space for Custom Messages
Sub-Surface Printed Adhesive Polyester (Type PPS):
• High quality signs for use indoors and outdoors
• Excellent resistance to UV light, chemical atmosphere and abrasion
• Excellent life and adhesion properties
• Printed graphics are protected by clear polyester laminate
• Temperature Range: -40° to 275°F
Rigid Polyethylene (Type PRS):
• Rugged signs for indoors and outdoors
• Abrasion resistant
• Used where adhesives will not work
• Can be used with Panduit Thermal Transfer Desktop Printers and Easy-Mark™
Labeling Software to create your own custom signs
• Print your own legend on clear polyester tape with the TDP43ME Thermal Transfer
Desktop Printer and adhere label to adhesive or non-adhesive sign panel
• Can also be used with Panduit die cut letters and numbers
• Temperature Range: -105° to 250°F
8 1/2" x 11"
SEZ-1CLL
8 1/2" x 11"
SEZ-1DLL
8 1/2" x 11"
SEZ-1NLL
Laser Printable Adhesive Signs
• Signs can be printed with a standard laser printer
• Indoor polyolefin pressure sensitive signs with square corners on stay-flat liner
• 25 signs per package
8 1/2" x 11"
SEZ-1WLL
8 1/2" x 11"
SEZ-1WHLL
8 1/2" x 11"
SEZ-1YLL
Self-Laminating Adhesive Sign Carriers
• Indoor/outdoor rated for resistance
to UV light, chemical atmosphere
and abrasion
• Excellent for applications where
adhesives will not work
• Temperature Range: -40° to 150°F
• 5 carriers/pkg.
Part No.
Size
Adhesive
SEZ-SNC1
6"H x 7"W
SEZ-SNC2
7"H x 10.5"W
SEZ-SNC3
6"H x 12"W
SEZ-SNC4
9.5"H x 12"W
Non-Adhesive
SEZ-RSC1
6"H x 7"W
SEZ-RSC2
7"H x 10.5"W
SEZ-RSC3
9.5"H x 12"W
SEZ-RSC4
6"H x 12"W
Available Sizes
Codes
7" x 10"
0710
10" x 14"
1014
14" x 20"
1420
Available Materials
Codes
Printed Adhesive Polyester (Each)
PPS
Rigid Polyethylene (Each)
PRS
Select Size Code:
0710
2
How to Order Signs:
Select Material Code:
PPS
1
Combine Codes in Specific Order
for Complete Part Number: PPS0710D440
4
Select Sign Base Part Number:
D440
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com