データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FO データシート(PDF) 61 Page - PANDUIT CORP.

部品番号 PCV-FO
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FO データシート(HTML) 61 Page - PANDUIT CORP.

Back Button PCV-FO Datasheet HTML 57Page - PANDUIT CORP. PCV-FO Datasheet HTML 58Page - PANDUIT CORP. PCV-FO Datasheet HTML 59Page - PANDUIT CORP. PCV-FO Datasheet HTML 60Page - PANDUIT CORP. PCV-FO Datasheet HTML 61Page - PANDUIT CORP. PCV-FO Datasheet HTML 62Page - PANDUIT CORP. PCV-FO Datasheet HTML 63Page - PANDUIT CORP. PCV-FO Datasheet HTML 64Page - PANDUIT CORP. PCV-FO Datasheet HTML 65Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 116 page
background image
Pipe Markers | ID Tags & Pipe Markers
59
Color Banding Pipe Marking Tapes
Directional Flow Arrow Tapes
Provide 360° visibility for flow direction, with repeated arrows on the
tape’s length.
• 0.006" self-adhesive vinyl
• Available in 1", 2" and 4" widths
• 54-ft. and 108-ft. rolls
Part No.
Size
UOM
Part No.
Size
UOM
PPMR1X54
1" x 54-ft.
Roll
PPMR1X108
1" x 108-ft.
Roll
PPMR2X54
2" x 54-ft.
PPMR2X108
2" x 108-ft.
PPMR4X54
4" x 54-ft.
PPMR4X108
4" x 108-ft.
To Order: Add color code after part number.
Example: Part No. PPMR1X54 + Color Code BY = PPMR1X54BY
To Order: Add color code after part number.
Example: Part No. PFM1X36 + Color Code YEL = PFM1X36YEL
Part No.
Size
UOM
PFM1X36
1" x 108-ft.
Roll
PFM2X36
2" x 108-ft.
PFM3X36
3" x 108-ft.
Variety of colors are ideal for coding pipes.
• 0.005" tapes with self-adhesive back, no liner
• Service temperature range -20° to 140°F
• Available in 1", 2" and 3" widths
• 108-ft. rolls
Available colors with color code:
Black/Yellow – BY, Green/White – GW, Blue/White – BLW,
Red/White – RW, Black/Orange – BO, White/Brown – WBR
Available colors with color code:
Red – RED, Green – GRN, Blue – BLU, Gray – GRY, Brown – BRN,
Black – BLK, Yellow – YEL, Orange – ORN, White – WHT, Purple – PUR
Meets ASME
A13.1, 3.1
Part No.
Legend
1523
1525
1527
1529
1531
1533
1535
1537
1539
1541
1543
1545
1547
1549
1551
1553
1557
1559
Part No.
Legend
1561
1563
1565
1567
1569
1571
1573
1575
1577
1579
1581
1583
1585
1587
1589
1591
1593
1595
Part No.
Legend
1597
1599
1601
1603
1605
1607
1609
1611
1613
1615
1617
1619
1621
1623
1625
1627
1629
1631
Part No.
Legend
1633
1635
1637
1639
1641
1643
1645
1647
1649
1651
1653
1657
1659
1661
1663
1665
1667
1669
How to Order
Pipe Markers:
Select Material Code:
Self Stick – PPMA
1
Select Pipe Marker Base
Part Number: 1523
2
Select Size Code:
3/4" to 1 1/4" – A
3
Combine Codes in Specific Order
for Complete Part Number: PPMA1523A
4
Size Code
Pipe Diameter
Marker Size
UOM
A
3/4" to 1 1/4"
1" x 8"
Each
B
1 1/2" to 2"
1 1/2" x 8"
D
2 1/2" to 6"
2 1/2" x 12"
H
8" to 10"
4" x 24"
Self Stick (PPMA)
Size Code
Pipe Diameter
Marker Size
UOM
A
3/4" to 1 1/4"
6" x 8"
Each
B
1 1/2" to 2"
9" x 8"
C
2 1/4" to 3"
14" x 12"
E
3 1/4" to 5"
19" x 12"*
F
5 1/4" to 6"
25" x 12"*
*Have self-adhesive leading edge for secure fit
Snap On Pipe Markers (PPMS)
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com