データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FO データシート(PDF) 15 Page - PANDUIT CORP.

部品番号 PCV-FO
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FO データシート(HTML) 15 Page - PANDUIT CORP.

Back Button PCV-FO Datasheet HTML 11Page - PANDUIT CORP. PCV-FO Datasheet HTML 12Page - PANDUIT CORP. PCV-FO Datasheet HTML 13Page - PANDUIT CORP. PCV-FO Datasheet HTML 14Page - PANDUIT CORP. PCV-FO Datasheet HTML 15Page - PANDUIT CORP. PCV-FO Datasheet HTML 16Page - PANDUIT CORP. PCV-FO Datasheet HTML 17Page - PANDUIT CORP. PCV-FO Datasheet HTML 18Page - PANDUIT CORP. PCV-FO Datasheet HTML 19Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 116 page
background image
Safety Signs & Labels
13
800.777.3300 | Panduit.com
CONSTRUCTION
AREA
14" x 10"
D4136
7" x 10"
10" x 14"
D7119
14" x 10"
D4015
7" x 10"
10" x 14"
D7120
Construction
Crane and Construction Signals
Signs
7" x 10"
10" x 14"
D7121
7" x 10"
10" x 14"
D7122
7" x 10"
10" x 14"
D7123
7" x 10"
10" x 14"
D7124
7" x 10"
10" x 14"
D7125
7" x 10"
10" x 14"
D7126
7" x 10"
10" x 14"
D7127
7" x 10"
10" x 14"
D7128
7" x 10"
10" x 14"
C7129
10" x 14"
D4017
Choose from Standard, Mobile and Overhead Crane Signal
Styles, as well as Ready Mix Truck Signals Style. Available as
wallet cards, labels, and signs. Select styles also available as
laminated, durable, flexible plastic posters.
Mobile
Standard
Overhead
Ready Mix
Overhead Crane Hand Signals
Source: ANSI/ASME B30.5-2007 - Mobile and Locomotive Cranes, Section 5-3.3: Signals
Crane Hand Signals
Truck Signals
29 CFR § 1926.1422 Signals – Hand Signal
Chart.
Hand signal charts must be either posted on
the equipment or conspicuously posted in the
vicinity of the hoisting operations.
Description
UOM
Wallet Card, 2-sided
Each
Wallet Card, 1-sided
Plastic Wallet Card – 3 3/8" x 2 1/8"
Description
UOM
Label
Pkg. of 5
Label - Adhesive Vinyl (PVS)
5" x 3 1/2" (0503)
Description
UOM
Sign
Each
Sign (see How to Order Signs above box)
Standard (2-sided)
PSS027
Mobile (2-sided)
PSS028
Overhead (1-sided)
PSS026
Ready Mix (1-sided)
PSS029
Standard
B3507
Mobile
B3552
Overhead
B3546
Standard
B4542
Mobile
B4547
Overhead
B5616
Ready Mix
B4513
Available size 14" x 10" (1410) only
To Order Labels: Select Material Code, Size Code, & Base Part
Number. Combine Codes in Specific Order for Complete Part Number
Available Sizes
Codes
7" x 10"
0710
10" x 14"
1014
14" x 10"
1410
Available Materials
Codes
Adhesive Vinyl (Each)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Polyethylene Plastic (Each)
PRS
Aluminum (Each)
PAS
Select Size Code:
0710
2
How to Order Signs:
Select Material Code:
PVS
1
Combine Codes in Specific Order
for Complete Part Number: PVS0710D7125
4
Select Sign Base Part Number:
D7125
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com