データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FO データシート(PDF) 69 Page - PANDUIT CORP.

部品番号 PCV-FO
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FO データシート(HTML) 69 Page - PANDUIT CORP.

Back Button PCV-FO Datasheet HTML 65Page - PANDUIT CORP. PCV-FO Datasheet HTML 66Page - PANDUIT CORP. PCV-FO Datasheet HTML 67Page - PANDUIT CORP. PCV-FO Datasheet HTML 68Page - PANDUIT CORP. PCV-FO Datasheet HTML 69Page - PANDUIT CORP. PCV-FO Datasheet HTML 70Page - PANDUIT CORP. PCV-FO Datasheet HTML 71Page - PANDUIT CORP. PCV-FO Datasheet HTML 72Page - PANDUIT CORP. PCV-FO Datasheet HTML 73Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
Valve & Lockout | Lockout / Tagout
67
Gate Valve Lockout Devices
• Gate valves regulating hydraulic, pneumatic, and chemical energy can be locked out
quickly and easily
• Accommodates valve handles ranging from 1.00 inch (25.40mm to 13.00 inches
(330.20mm) in diameter
• Constructed of rugged polypropylene providing strength, durability,
and added security
• Secure with padlock and tag (sold separately)
Part No.
Fits Valve Handle Diameter
Size
UOM
PSL-V2A
1.0" – 2.5"
3.5" x 1.5"
Each
PSL-V6A
2.5" – 6.5"
7.0" x 2.0"
PSL-V9
6.5" – 10.0"
10.5" x 2.5"
PSL-V13
10.0" – 13.0"
14.5" x 3.0"
Part No.
Description
PSL-1033
Electrical Panel Lockout Bar Only,
13"L x 1"W x 1"H, Expands up to 20"L
Prevent accidental shutdowns of
critical equipment by keeping
unauthorized persons from
accessing electrical circuit
breaker panels.
• Telescoping lockout bar attaches to
breaker box cover screws
• Prevents opening of breaker box cover
in order to lock out all breakers within
the same breaker box
• For use on 14"-20" inch wide
breaker boxes
• Constructed of sturdy, non-conductive
material and installs in seconds
Electrical Panel Lockout
Twist & Turn Cinch Cable Lockout
Run the cable through various devices; then, with a quick twist of the
hasp, cinch the cable to prevent unauthorized access.
• Easy-to-use cable and cinch lockout hasp solution
• Polycarbonate, compact hasp is comprised of two 3" dia. x 1 1/2" thick rotating
halves with 6-ft. red plastic-coated steel cable
• Visible red octagon shape reinforces the lockout situation
Part No.
UOM
PSL-1017
Each
Cinch closed position
with holes aligned.
Turn the hasp halves to
cinch cable.
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com