データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FO データシート(PDF) 86 Page - PANDUIT CORP.

部品番号 PCV-FO
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FO データシート(HTML) 86 Page - PANDUIT CORP.

Back Button PCV-FO Datasheet HTML 82Page - PANDUIT CORP. PCV-FO Datasheet HTML 83Page - PANDUIT CORP. PCV-FO Datasheet HTML 84Page - PANDUIT CORP. PCV-FO Datasheet HTML 85Page - PANDUIT CORP. PCV-FO Datasheet HTML 86Page - PANDUIT CORP. PCV-FO Datasheet HTML 87Page - PANDUIT CORP. PCV-FO Datasheet HTML 88Page - PANDUIT CORP. PCV-FO Datasheet HTML 89Page - PANDUIT CORP. PCV-FO Datasheet HTML 90Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
84
Part No.
Size
C400X200YPT-G1
2.50" x 4.00"
C400X400YPT-G1
4.00" x 4.00"
C400X600YPT-G1
4.00" x 6.00"
Part No.
Size
C400X200YPT-G2
2.50" x 4.00"
C400X400YPT-G2
4.00" x 4.00"
C400X600YPT-G2
4.00" x 6.00"
Part No.
Size
C400X200YPT-G3
2.50" x 4.00"
C400X400YPT-G3
4.00" x 4.00"
C400X600YPT-G3
4.00" x 6.00"
Part No.
Size
C400X200YPT-G4
2.50" x 4.00"
C400X400YPT-G4
4.00" x 4.00"
C400X600YPT-G4
4.00" x 6.00"
Haz-Com / GHS | GHS
GHS Print On-Demand Thermal Transfer Labels
Print from the Easy-Mark Plus (add TM) Labeling Software or Easy-Mark™ Labeling Software directly to die cut polyester labels that match the formats in the software. Labels
feature 1, 2, 3, or 4 red pre-printed diamonds for one-pass printing of the two-color GHS labels; 250 labels per roll.
1 Diamond Thermal Transfer Labels
2 Diamond Thermal Transfer Labels
3 Diamond Thermal Transfer Labels
4 Diamond Thermal Transfer Labels
GHS Hazard Pictogram and Classes
Physical/Chemical Risk
Health Risk
Environmental Risk
Flame
Flammables, Pyrophoric,
Self-Heating, Emits
Flammable Gas,
Self-Reactive, Organic Peroxides
Corrosion
Skin Corrosion/
Burns and Eye
Damage
Exclamation Mark
Irritant (skin and eye),
Skin Sensitizer,
Acute Toxicity (harmful),
Narcotic Effects,
Respiratory Tract Irritant,
Hazardous to
Ozone Layer
Exploding Bomb
Explosives, Self-Reactive,
Organic Peroxides
Gas Cylinder
Gases under pressure
Flame over Circle
Oxidizers
Corrosion
Corrosive to Metals
Skull and
Crossbones
Acute Toxicity
(fatal or toxic)
Environmental
Aquatic Toxicity
Health Danger
Carcinogen,
Mutagenicity,
Reproductive Toxicity,
Respiratory
Sensitizer,
Target Organ Toxicity,
Aspiration Toxicity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com