| データシートサーチシステム |
|
R3111Q552B データシート(PDF) 40 Page - Nisshinbo Micro Devices Inc. |
|
|
|||||||||||||||||||||||||||||
R3111Q552B データシート(HTML) 40 Page - Nisshinbo Micro Devices Inc. |
|
40 / 43 page ![]() R3111x 40 R3111E (TO-92) is the discontinued product as of April, 2017. TYPICAL APPLICATION R3111xxxxA CPU Reset Circuit (Nch Open Drain Output) Case 1.Input Voltage to R3111xxxxA is equal to Input Voltage to CPU Case 2.Input Voltage to R3111xxxxA is unequal to Input Voltage to CPU R3111xxxxA Series VDD GND OUT R VDD RESET CPU GND VDD 470k R3111xxxxA Series VDD GND OUT R VDD RESET CPU GND VDD2 VDD 470k R3111xxxxC CPU Reset Circuit (CMOS Output) R3111xxxxC Series VDD GND OUT VDD RESET CPU GND VDD R3111xxxxA Output Delay Time Circuit 1 (Nch Open Drain Output) R3111xxxxA Output Delay Time Circuit 2 (Nch Open Drain Output) R3111xxxxA Series VDD GND OUT R VDD RESET CPU GND VDD 470k R3111xxxxA Series VDD GND OUT R2 VDD RESET CPU GND VDD 470k R1 100k Memory Back-up Circuit R3111xxxxC Series GND VDD D1 D2 VDD GND OUT A B C Y1 Y2 Y3 Y4 VCC VCC RAM1 GND CS VCC RAM2 GND CS VCC RAM3 GND CS VCC RAM4 GND CS |