| データシートサーチシステム |
|
R3111Q552B データシート(PDF) 41 Page - Nisshinbo Micro Devices Inc. |
|
|
|||||||||||||||||||||||||||||
R3111Q552B データシート(HTML) 41 Page - Nisshinbo Micro Devices Inc. |
|
41 / 43 page ![]() R3111x 41 R3111E (TO-92) is the discontinued product as of April, 2017. Voltage level Indicator Circuit (lighted when the power runs out) (Nch Open Drain Output) R3111xxxxA Series VDD GND OUT VDD Detector Threshold Adjustable Circuit (Nch Open Drain Output) R3111xxxxA Series GND VDD Rb VDD C Ra OUT + Adjusted Detector Threshold (VDET)(RaRb)/Rb Hysteresis Voltage (VHYS)(RaRb)/Rb ) If the value of Ra is set excessively large, voltage drop may occur caused by the supply current of IC itself, and detector threshold may vary. Window Comparator Circuit (Nch Open Drain Output) R3111xxxxA Series VDD GND OUT VDD R3111xxxxA Series VDD GND OUT VDET1 WC_OUT VDET2 VDD VDET1 GND WC_OUT VDET2 GND Over-charge Preventing Circuit R3111xxxxC Series VDD GND OUT R4 R2 R1 R3 Light D1 |