| データシートサーチシステム |
|
AS7038RB データシート(PDF) 33 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB データシート(HTML) 33 Page - ams-OSRAM AG |
|
33 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 32 Addr: 0x2e MAN_SEQ_CFG Bit Bit Name Default Access Bit Description 4 man_sw_itg 0 RW If man_mode=1 0: All integrator capacitors are shorted. Integrator is reset 1: Integrator capacitors are charging up. Integrator is running 3:1 diode_ctrl 0 RW Connection of Photodiodes PD1, PD2, PD3, PD4 to the photodiode amplifier. 0: PD1-PD4 are connected 1: PD1 synchronous to LED1, PD2 sync/to LED2 PD3 sync/to LED3, PD4 sync/to LED4 2:PD1 synchronous to LED1, PD2 sync/to LED1 PD3 sync/to LED2, PD4 sync/to LED2 3: PD1 synchronous to LED1, PD2 sync/to LED1 PD3 sync/to LED4, PD4 sync/to LED4 4: SPO2 mode *(obsolete): (negedge(sdm1) or negedge(sdp1)) - PD1=0 PD2=0 PD3=1 PD4=1; (negedge(sdm2) or negedge(sdp2)) - PD1=1 PD2=1 PD3=0 PD4=0 Note that PD_CFG.pdX takes precedence - to turn OFF one photo diode, the respective bit has to be de- asserted in the PD_CFG register. PD_CFG . pdX diode_ ctrl Photo Diode 1 Photo Diode 2 Photo Diode 3 Photo Diode 4 0 xx OFF OFF OFF OFF 1 0 ON ON ON ON 1 1 LED1 LED2 LED3 LED4 1 2 LED1 LED1 LED2 LED2 1 3 LED1 LED1 LED4 LED4 1 4 SPO2 mode (obsolete) 1 5..7 Do not use 0 seq_en 0 RW 0: Disables sequencer 1: Enables sequencer |