| データシートサーチシステム |
|
AS7038RB データシート(PDF) 97 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB データシート(HTML) 97 Page - ams-OSRAM AG |
|
97 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 96 ECG_THRESHOLD_HIGH (Address 0x6b) Figure 128: ECG_THRESHOLD_HIGH Register Addr: 0x6b ECG_THRESHOLD_HIGH Bit Bit Name Default Access Bit Description 7:0 ecg_threshold_high FF RW If the ADC returns an ECG value above agc_threshold_high (not equal) at ecg_leadsdet_pol=1, then the lead_off interrupt can be triggered 7.1.18 ADC and FIFO The ADC is a 14-bit successive-approximation register (SAR) type. It supports 14-bit with conversion time up to 50 ksps. The ADC is started by the sequencer and its timing or in manual mode (man_mode=1) by setting seq_start=1 (seq_start stays ‘1’ as long as the conversion runs). The AS7038RB can be configured to trigger an interrupt upon end of conversion. |