| データシートサーチシステム |
|
AS7038RB データシート(PDF) 61 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB データシート(HTML) 61 Page - ams-OSRAM AG |
|
61 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 60 7.1.11 Optical Signal Conditioning Figure 74: Optical Signal Conditioning Synchronous Demodulator Two optional synchronous demodulators can be used to detect small optical signals in the presence of large unwanted noise (ambient light). Since the detector synchronizes to the LED frequency, the demodulator can only be used of the measurement sequencer is running. It includes input filer (adjustable high pass and low pass, notch filter) and 2nd order adjustable output low pass. The demodulator itself multiplies the signal by +1 / 0 / -1 with a timing which is controlled by the sequencer. Information The optical signal conditioning stage need sigref_en=1 for operation. * ADC ofe1/2_sd_byp Synchronous Demodulator1,2 + BP Filter + Gain Stages From TIA ofe1/2_hp_byp ofe1/2_sd_bw aa_freq 12.5-200Hz ofe1/2_en ofe1/2_hp_freq ofe1/2_hp_en ofe1/2 _gain_g Clip Det Clip Det gain_sd h/l vth FiFo Prefilter pregain ofe1 ofe2 sd1 sd2 tia ofe_notch _sel60 ecg_notch_byp |