データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7038RB データシート(PDF) 36 Page - ams-OSRAM AG

部品番号 AS7038RB
部品情報  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB データシート(HTML) 36 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 32Page - ams-OSRAM AG AS7038RB Datasheet HTML 33Page - ams-OSRAM AG AS7038RB Datasheet HTML 34Page - ams-OSRAM AG AS7038RB Datasheet HTML 35Page - ams-OSRAM AG AS7038RB Datasheet HTML 36Page - ams-OSRAM AG AS7038RB Datasheet HTML 37Page - ams-OSRAM AG AS7038RB Datasheet HTML 38Page - ams-OSRAM AG AS7038RB Datasheet HTML 39Page - ams-OSRAM AG AS7038RB Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 35
Addr: 0x1a
PD_CFG
Bit
Bit Name
Default
Access
Bit Description
3
pd2
0
RW
0: Photodiode PD2 is disconnected from photo
amplifier
1: Photodiode PD2 is connected to photo amplifier
(as defined in diode_ctrl)
2
pd1
0
RW
0: Photodiode PD1 is disconnected from photo
amplifier
1: Photodiode PD1 is connected to photo amplifier
(as defined in diode_ctrl)
1
pd_i1
0
RW
0: Photodiode B (see Photodiode Characteristics)
disconnected from TIA input
1: Photodiode B (see Photodiode Characteristics)
connected to TIA input; set ltf1_sel=0 and ltf2_sel=0.
0
pd_i0
0
RW
0: GPIO0-input is disconnected from photo amplifier
1: GPIO0-input is connected to photo amplifier;
set gpio_a[0]=1.
The PD_CFG register is used to configure the input to the photo amplifier.
PDOFFX_LEDOFF Register (Address 0x1b)
Figure 27:
PDOFFX_LEDOFF Register
Addr: 0x1b
PDOFFX_LEDOFF
Bit
Bit Name
Default
Access
Bit Description
7:0
pdoffx_ledoff
0
RW
Input offset current if all LEDs are OFF (all sw_led*
sequencer outputs are zero)
Ioffset = pdoffx_ledoff*10 nA if PD_CFG[6] = 0
Ioffset = pdoffx_ledoff*20 nA if PD_CFG[6] = 1
0: Offset source is turned OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More