| データシートサーチシステム |
|
AS7038RB データシート(PDF) 73 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB データシート(HTML) 73 Page - ams-OSRAM AG |
|
73 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 72 LTFDATA0_L (Address 0x20) Figure 87: LTFDATA0_L Register Addr: 0x20 LTFDATA0_L Bit Bit Name Default Access Bit Description 7:0 ltfdata0[7:0] 0 RO LTF result channel 0 low byte. Software must make sure that the LTF integration is not running when accessing the LTFDATA registers. These are the direct counter registers, they are not latched. If buffering is required, consider using FIFO mode. LTFDATA0_H (Address 0x21) Figure 88: LTFDATA0_H Register Addr: 0x21 LTFDATA0_H Bit Bit Name Default Access Bit Description 7:0 ltfdata0[15:8] 0 RO LTF result channel 0 high byte LTFDATA1_L (Address 0x22) Figure 89: LTFDATA1_L Register Addr: 0x22 LTFDATA1_L Bit Bit Name Default Access Bit Description 7:0 ltfdata0[7:0] 0 RO LTF result channel 1 low byte. Software must make sure that the LTF integration is not running when accessing the LTFDATA registers. If buffering is required, consider using FIFO mode. |