| データシートサーチシステム |
|
R5F5671CDDFB データシート(PDF) 151 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB データシート(HTML) 151 Page - Renesas Technology Corp |
|
151 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 151 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics Note: tIICcyc: RIICHS internal reference clock (IICφ) cycle Note 1. The value within parentheses is applicable when the value of the ICICR.NF[3:0] bits is 0011b while the digital filter is enabled by the setting ICICR.NFE = 1. Note that, in Hs-mode, the lower-order 2 bits of the NF[3:0] bits are ignored and the number of stages in the digital filter is single. Note 2. Cb is the total capacitance of the bus lines. Figure 2.87 RIICHS Bus Interface Input/Output Timing (Hs-mode) RIICHS (Hs-mode) ICFER.HSME = 1 SCLHS output minimum high pulse width Cb = 400pF tSCLH(min) — 120 233 ns Figure 2.87 Cb = 100pF — 60 150 SCLHS output minimum low pulse width Cb = 400pF tSCLL(min) — — 320 ns Cb = 100pF — — 160 Table 2.49 RIICHS Timing (2) (2/2) Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr Item Symbol Min.*1 Typ. Max. Unit Test Conditions SDAHS0 SCLHS0 Sr tSfDA tSrDA tSTAH tSTAS tSDAH tSDAS tSTOS tSfCL tSCLH tSCLH tSCLL tSCLL tSrCL 0.3 × VCC = MCS current source pull-up = Rp resistor pull-up Sr P 0.7 × VCC 0.3 × VCC 0.7 × VCC |